Part Number Hot Search : 
ML2308 HC49U SS400 BD144 29LV800 PT25H3 AN79M06 23990
Product Description
Full Text Search
 

To Download CMUT3410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMUT3410 NPN CMUT7410 PNP SURFACE MOUNT ULTRAminiTM COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMUT3410, and CMUT7410, are low VCE(SAT) silicon transistors in an ULTRAminiTM surface mount package designed for small signal general purpose amplifier and switching applications, requiring low collector emitter saturation voltage. MARKING CODES: CMUT3410 NPN CMUT7410 PNP
SYMBOL VCBO VCEO VEBO IC ICM PD TJ,Tstg JA
SOT-523 CASE
MAXIMUM RATINGS: (TA=25oC) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Current (Peak) Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
MARKING CODE: C43 MARKING CODE: C47
UNITS V V V A A mW
o C C/W
40 25 6.0 1.0 1.5 250 -65 to +150 500 TYP PNP
o
ELECTRICAL CHARACTERISTICS: (TA=25oC unless otherwise noted) SYMBOL ICBO IEBO BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VCE(SAT) VCE(SAT) VCE(SAT) VCE(SAT) VBE(SAT) VBE(ON) hFE hFE hFE hFE fT Cob Cob TEST CONDITIONS VCB=40V VEB=6.0V IC=100A IC=10mA IE=100A IC=50mA, IB=5.0mA IC=100mA, IB=10mA IC=200mA, IB=20mA IC=500mA, IB=50mA IC=800mA, IB=80mA IC=1.0A, IB=100mA IC=800mA, IB=80mA VCE=1.0V, IC=10mA VCE=1.0V, IC=10mA VCE=1.0V, IC=100mA VCE=1.0V, IC=500mA VCE=1.0V, IC=1.0A VCE=10V, IC=50mA, f=100MHz VCB=10V, IE=0, f=1.0MHz (CMUT3410) VCB=10V, IE=0, f=1.0MHz (CMUT7410) MIN NPN
MAX 100 100
40 25 6.0 20 35 75 130 200 250 25 40 80 150 220 275 50 75 150 250 400 450 1.1 0.9 300 125 75 10 15
UNITS nA nA V V V mV mV mV mV mV mV V V
100 100 100 50 100
MHz pF pF
R0 (28-March 2005)
Central
TM
CMUT3410 NPN CMUT7410 PNP SURFACE MOUNT ULTRAminiTM COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
Semiconductor Corp.
SOT-523 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR MARKING CODES: CMUT3410: C43 CMUT7410: C47
R0 (28-March 2005)


▲Up To Search▲   

 
Price & Availability of CMUT3410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X